Part Number Hot Search : 
DDTA113 G2SB20 MAJ17 301KD07X 0M100 BD3930FP 4N100 EPA1216G
Product Description
Full Text Search
 

To Download AP1509 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1509
150KHz, 2A PWM Buck DC/DC Converter Features
- Output voltage: 3.3V, 5V, 12V and adjustable output version - Adjustable version output voltage range, 1.23V to 18V+4% - 150KHz +15% fixed switching frequency - Voltage mode non-synchronous PWM control - Thermal-shutdown and current-limit protection - ON/OFF shutdown control input - Operating voltage can be up to 22V - Output load current: 2A - SOP-8L packages - Low power standby mode - Built-in switching transistor on chip
General Description
The AP1509 series are monolithic IC designed for a step-down DC/DC converter, and own the ability of driving a 2A load without additional transistor component. Due to reducing the number of external component, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control have good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperature operating from damage, and current limit is against over current operating of the output switch. If current limit function occurred and VFB is down to 0.5V below, the switching frequency will be reduced. The AP1509 series operates at a switching frequency of 150KHz thus allowing smaller sized filter components than what would be needed with lower frequency switching regulators. Other features include a guaranteed +4% tolerance on output voltage under specified input voltage and output load conditions, and +15% on the oscillator frequency. The output version included fixed 3.3V, 5V, 12V, and an adjustable type. The packages are available in a standard 8-lead SOP-8 package.
Applications
- Simple High-efficiency step-down regulator - On-card switching regulators - Positive to negative converter
Pin Assignments
(Top View) VIN Output FB SD 1 2 3 4 8 7 6 5 SOP-8L GND GND GND GND
Pin Descriptions
Name VIN Output GND FB SD Description Operating voltage input Switching output Ground Output voltage feedback control ON/OFF Shutdown
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 0.1 Nov 27, 2003 1/8
AP1509
150KHz, 2A PWM Buck DC/DC Converter Ordering Information
AP1509 XX X X X Output version Blank : Adjustable -33 : 3.3V -50 : 5.0V -12 : 12V Package S: SOP-8L Lead Free Packing
Blank : Tube Blank : Normal L : Lead Free Package A : Taping
Block Diagram
SD
VIN
200mV Current Source bias 1.235V Reference 2.5V Regulator Start up 220mV
+ Comp _
Comp +
FB
Comp +
Anachip Corp. www.anachip.com.tw Rev.0.1 Nov 27, 2003 2/8
_
+ Amp _
Frequecy compensation
Pre-driver
150kHz OSC.
Thermal Limit
_
2A Switch
Output Gnd
AP1509
150KHz, 2A PWM Buck DC/DC Converter Absolute Maximum Ratings
Symbol VCC VSD VFB VOUT PD TST TOP VOP Parameter Supply Voltage ON/OFF Pin input voltage Feedback Pin voltage Output voltage to Ground Power dissipation Storage temperature Operating temperature Operating voltage Rating +24 -0.3 to +18 -0.3 to +18 -1 Internally limited -65 to +150 -40 to +125 +4.5 to +22 Unit V V V V W
o o
C C
V
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=18V for the 12V version. ILOAD = 0.5A
Symbol IB FOSC FSCP VSAT DC ICL IL IQ ISTBY VIL VIH IH IL JC JA
Parameter Feedback bias current Oscillator frequency
Conditions VFB=1.3V (Adjustable version only)
Min. 127 110 5
Typ. -10 150 15 1.25 100 0
Max. -50 -100 173 173 25 1.4 1.5
Unit nA KHz KHz V % A
of When current limit occurred and VFB < 0.5V, Ta=25 oC IOUT=2A Saturation voltage No outside circuit VFB=0V force driver on Max. Duty Cycle (ON) VFB=0V force driver on Min. Duty Cycle (OFF) VFB=12V force driver off Peak current Current limit No outside circuit VFB=0V force driver on Output No outside circuit Output = 0 leakage VFB=12V force driver off Output = -1 current VIN=22V Quiescent Current VFB=12V force driver off Standby Quiescent ON/OFF pin=5V Current VIN=22V Low (regulator ON) ON/OFF pin logic input threshold voltage High (regulator OFF) ON/OFF pin logic input VLOGIC=2.5V (OFF) current ON/OFF pin input current VLOGIC=0.5V (ON) Junction to Thermal Resistance SOP-8L case Thermal Resistance Junction to SOP-8L With copper area of ambient 2 approximately 3 in
Oscillator frequency short circuit protect
3 -200 -5 5 70 2.0 1.3 10 150 200 0.6 -0.01 -0.1 15 70 -1
o
uA mA mA uA V uA C/W C/W
o
Anachip Corp. www.anachip.com.tw Rev.0.1 Nov 27, 2003 3/8
AP1509
150KHz, 2A PWM Buck DC/DC Converter Electrical Characteristics (Continued)
Symbol VFB Parameter Output Feedback Efficiency Output voltage Efficiency Output voltage Efficiency Output voltage Efficiency Conditions 4.5V < VIN < 22V 0.2A < ILOAD < 2A VOUT programmed for 3V VIN = 12V, ILOAD=2A 4.75V < VIN < 22V 0.2A < ILOAD < 2A VIN = 12V, ILOAD=2A 7V < VIN < 22V 0.2A < ILOAD < 2A VIN = 12V, ILOAD=2A 15V < VIN < 22V 0.2A < ILOAD < 2A VIN = 15V, ILOAD = 2A Typ. 1.23 76 3.3 78 5 83 12 90 11.52/11.4 12.48/12.6 4.8/4.75 5.2/5.25 3.168/3.135 3.432/3.465 Limit 1.193/1.18 1.267/1.28 Unit V VMIN VMAX % V VMIN VMAX % V VMIN VMAX % V VMIN VMAX %
AP1509-ADJ
VOUT VOUT VOUT
AP1509-3.3V
AP1509-5V
AP1509-12V
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25C.
Typical Application Circuit
FB
12V
DC Input Vin 1 4
3
AP1509 -33
5 6 7
2 8
Output
L1
Inductor
3.3V/2A
Output Load
Cin
Capacitor
SD Gnd Gnd Gnd Gnd
D1
Schottky Diode
Co
Capacitor
Anachip Corp. www.anachip.com.tw Rev.0.1 Nov 27, 2003 4/8
AP1509
150KHz, 2A PWM Buck DC/DC Converter Typical Performance Characteristics
AP1509 Efficiency v.s. Temperature (Vin=12V,Vout=5V,Io=2A)
86 85 84 83 82 81 80 79 78 77 76 75 -50 -30 -10 10 30 50 70 90 110 130 150
AP1509 Efficiency v.s. Temperature (Vin=12V,Vout=3.3V,Io=2A)
81 80 79
Efficiency (%)
Efficiency (%)
78 77 76 75 74 73 -50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (C)
Temperature (TA) (C)
AP1509 Saturation Voltage v.s. Temperature (Vcc=12V,Vfb=0V,VSD=0)
1.4 1.3
AP1509 Switch Current Limit v.s. Temperature (Vcc=12V,Vfb=0V)
5.5
Switch Current Limit (A)
Saturation Voltage (V)
1.2 1.1 1 0.9 0.8 0.7 -50 -25 0 25 1A 0.5A
5 4.5 4 3.5 3 -50 -30 -10 10 30 50 70 90
2A
50
75
100
125
Temperature (TA)(C)
Temperature (TA) (C)
AP1509 Supply Current v.s. Temperature (Vcc=12V , No Load ,Von/off =0V(Switch ON) ,Von/off =5V(Switch OFF))
15 14 13 12 11 10 9 8 7 6 5
60
Supply Current (mA)
Supply Current (uA)
55 50 45 40 35 30 -50 -30 -10 10 30 50 70 90 110 130 150 Switch OFF
Switch ON
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (C)
Temperature (TA) (C)
Anachip Corp. www.anachip.com.tw Rev.0.1 Nov 27, 2003 5/8
AP1509
150KHz, 2A PWM Buck DC/DC Converter Typical Performance Characteristics (Continued)
AP1509 Threshold Voltage v.s. Temperature (Vcc=12V , Io=100mA)
1.7 1.6 1.5 1.4 1.3 1.2 1.1 1 0.9 0.8 -50 -30 -10 10 30 50 70 90 110 130 150
AP1509 ON/OFF Current v.s. ON/OFF Voltage (Vin=12V)
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 0 3 6 9 12 15 18 21
Threshold Voltage (V)
Temperature (TA) (C)
ON/OFF Current (nA)
ON/OFF Voltage (V)
AP1509 Frequency v.s. Temperature (Vcc=12V , Io=500mA ,Vout=5V)
170
AP1509 Feedback Current v.s. Temperature (Vcc=12V , Vout=5V,Vfb=1.3V)
10
Frequency (KHz)
160 155 150 145 140 -50 -30 -10 10 30 50 70 90 110 130 150
Feedback Current (nA)
165
0 -10 -20 -30 -40 -50 -50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (C)
Temperature (TA) (C)
AP1509 Output Voltage v.s. Temperature (Vin=12V ,Io=2A)
3.5 3.45 3.4 3.35 3.3 3.25 3.2 3.15 3.1 3.05 3 2.95 2.9 -40 -20
Vout (V)
Temperature (TA) (C)
0
20
40
60
80 100 120 140 160
Anachip Corp. www.anachip.com.tw Rev.0.1 Nov 27, 2003 6/8
AP1509
150KHz, 2A PWM Buck DC/DC Converter Function Description
Pin Functions +VIN This is the positive input supply for the IC switching regulator. A suitable input bypass capacitor must be present at this pin to minimize voltage transients and to supply the switching currents needed by the regulator. Ground Circuit ground. Output Internal switch. The voltage at this pin switches between (+VIN - VSAT) and approximately - 0.5V, with a duty cycle of approximately VOUT / VIN. To minimize coupling to sensitive circuitry, the PC board copper area connected to this pin should be kept a minimum. Feedback Senses the regulated output voltage to complete the feedback loop. SD Allows the switching regulator circuit to be shutdown using logic level signals thus dropping the total input supply current to approximately 150uA. Pulling this pin below a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above 1.3V (up to a maximum of 18V) shuts the regulator down. If this shutdown feature is not needed, the SD pin can be wired to the ground pin or it can be left open, in either case the regulator will be in the ON condition. Thermal Considerations The SOP-8 package needs a heat sink under most conditions. The size of the heatsink depends on the input voltage, the output voltage, the load current and the ambient temperature. The AP1509 junction temperature rises above ambient temperature for a 2A load and different input and output voltages. The data for these curves was taken with the AP1509 (SOP-8 package) operating as a buck-switching regulator in an ambient temperature of 25oC (still air). These temperature rise numbers are all approximate and there are many factors that can affect these temperatures. Higher ambient temperatures require more heat sinking. For the best thermal performance, wide copper traces and generous amounts of printed circuit board copper should be used in the board layout. (Once exception to this is the output (switch) pin, which should not have large areas of copper.) Large areas of copper provide the best transfer of heat (lower thermal resistance) to the surrounding air, and moving air lowers the thermal resistance even further. Package thermal resistance and junction temperature rise numbers are all approximate, and there are many factors that will affect these numbers. Some of these factors include board size, shape, thickness, position, location, and even board temperature. Other factors are, trace width, total printed circuit copper area, copper thickness, single or double-sided, multi-layer board and the amount of solder on the board. The effectiveness of the PC board to dissipate heat also depends on the size, quantity and spacing of other components on the board, as well as whether the surrounding air is still or moving. Furthermore, some of these components such as the catch diode will add heat to the PC board and the heat can vary as the input voltage changes. For the inductor, depending on the physical size, type of core material and the DC resistance, it could either act as a heat sink taking heat away from the board, or it could add heat to the board.
Anachip Corp. www.anachip.com.tw Rev.0.1 Nov 27, 2003 7/8
AP1509
150KHz, 2A PWM Buck DC/DC Converter Marking Information
SOP-8L
(Top view) Part Number Output Type: Blank: Adjustable 33: 3.3V 50: 5.0V 12: 12V
AC 1509-XX YY WW XX
Logo Blank: normal L: Lead Free Package Date Code X: Internal code WW: Nth week YY: Year
Package Information
Package Type: SOP-8L
E
H
L VIEW "A" D 7 (4X) A2 A 0.015x45
7 (4X)
A1
e
B y
C
VIEW "A"
Symbol A A1 A2 B C D E e H L y
Anachip Corp. www.anachip.com.tw
Dimensions In Millimeters Min. Nom. Max. 1.40 1.60 1.75 0.10 0.25 1.30 1.45 1.50 0.33 0.41 0.51 0.19 0.20 0.25 4.80 5.05 5.30 3.70 3.90 4.10 1.27 5.79 5.99 6.20 0.38 0.71 1.27 0.10 0O 8O
Dimensions In Inches Min. Nom. Max. 0.055 0.063 0.069 0.040 0.100 0.051 0.057 0.059 0.013 0.016 0.020 0.0075 0.008 0.010 0.189 0.199 0.209 0.146 0.154 0.161 0.050 0.228 0.236 0.244 0.015 0.028 0.050 0.004 0O 8O
Rev.0.1 Nov 27, 2003 8/8


▲Up To Search▲   

 
Price & Availability of AP1509

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X